전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2100 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 ST2100
상세설명  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Pin descriptions
ST2100
16/39
DocID025777 Rev 1
ANALOG
GROUND
GNDE_RTC
J22
0 V
VSSA_USB
AC16
VSSA_USB
AC13
VSSAC_USB
AA15
GNDAS_ADC
W21
GNDA_ADC
W22
GNDA1_DAC
V20
GNDA2_DAC
T22
GNDAS_DAC
U20
DAC_MASS_QUIET
U22
GNDE_DAC
W20
GNDE_RCG_MCLK
AC19
AGNDSUB_RCG_MCLK
Y17
AGND_RCG_MCLK
AA17
AGND_PLL1
Y15
AGND_PLL2
W17
GNDA_RCG_CLK_SYNTH
Y20
GNDE_REG
AB22
GNDE_PGA
AB21
PCIE_P1_VSSR
K23
PCIE_P1_VSSR
M23
PCIE_P1_VSST
N23
PCIE_VSS_PLL
P21
PCIE_P1_VSST
R23
I/O
VDDE_3V3
E5, E6, E7, E17, E18, E19, F5, F19, G5, G19,
U5, U19, V5, V19, W5, W6, W7, W18, W19
3.3 V
CORE
VDD_1V2
J9, J10, J12, J14, J15, K9, K15, L9, L15, M9,
M15, N9, N15, P9, P15, R9, R10, R12, R14,
R15, AA21
1.2 V
USB PHY
VDD_1V2_USB
AB15
1.2 V
VDD_2V5_USB
AA16
2.5 V
VDD_3V3_USB
AB16
3.3 V
Table 5. Power supply pin descriptions (continued)
Group
Signal name
Ball
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39