전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VD5377 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 VD5377
상세설명  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 12Page - STMicroelectronics VD5377 Datasheet HTML 13Page - STMicroelectronics VD5377 Datasheet HTML 14Page - STMicroelectronics VD5377 Datasheet HTML 15Page - STMicroelectronics VD5377 Datasheet HTML 16Page - STMicroelectronics VD5377 Datasheet HTML 17Page - STMicroelectronics VD5377 Datasheet HTML 18Page - STMicroelectronics VD5377 Datasheet HTML 19Page - STMicroelectronics VD5377 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Application schematics
VD5377
16/88
Doc ID 022952 Rev 2
3.2
Cursor orientation
Figure 5 shows the direction of positive motion vectors relative to silicon orientation with the
default power-up register settings: parameters_2 (0x27) = 0x08 that is, invert_x = 0,
invert_y = 0 and swap_xy = 1. An imaging lens is assumed but not shown. The direction of
X/Y motion can be reversed or swapped by writing to register 0x27 allowing preferred cursor
movement from any die orientation.
Figure 5. VD5377 default XY orientation
Y+
X+
Pad 1
Pixel array
Imaging lens not shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88