전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6180X 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 VL6180X
상세설명  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 71Page - STMicroelectronics VL6180X Datasheet HTML 72Page - STMicroelectronics VL6180X Datasheet HTML 73Page - STMicroelectronics VL6180X Datasheet HTML 74Page - STMicroelectronics VL6180X Datasheet HTML 75Page - STMicroelectronics VL6180X Datasheet HTML 76Page - STMicroelectronics VL6180X Datasheet HTML 77Page - STMicroelectronics VL6180X Datasheet HTML 78Page - STMicroelectronics VL6180X Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
ECOPACK®
VL6180X
76/79
DocID026171 Rev 6
10
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79