전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ76PL536APAPT 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ76PL536APAPT
상세설명  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT 데이터시트(HTML) 17 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
0.1
F
m
0.1
F
m
BAT
BAT
1
1
1 kW
1 kW
1 kW
1 kW
1 kW
1 kW
1
0.1
F
m
0.1
F
m
0.1
F
m
10
F
m
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.3 Feature Description
7.3.1 Analog-to-Digital Conversion (ADC)
7.3.1.1 General Features
The integrated 14-bit (unsigned) high-speed successive approximation register (SAR) analog-to-digital converter
uses an integrated band-gap reference voltage (VREF) for the cell and brick measurements. The ADC has a front-
end multiplexer for nine inputs – six cells, two temperature sensors, and one general-purpose analog input
(GPAI). The GPAI input can further be multiplexed to measure the brick voltage between the BATx pin and VSS
or the voltage between the GPAI+ and GPAI– pins.
The ADC and reference are factory trimmed to compensate for gain, offset, and temperature-induced errors for
all inputs. The measurement result is not allowed to roll over due to offset error at the top and bottom of the
range. For example, a reading near zero does not underflow to 0x03ff due to offset error, and vice-versa.
The converter returns 14 valid unsigned magnitude bits in the following format:
<00xxxxxx xxxxxxxx>
Each word is returned in big-endian format in a register pair consisting of two adjacent 8-bit registers. The MSB
of the word is located in the lower-address register of the pair, that is, data for cell 1 is returned in registers 0x03
and 0x04 as 00xxxxxx xxxxxxxxb.
7.3.1.2 3-to-6 Series Cell Configuration
When fewer than 6 cells are used, the most-positive cell voltage of the series string should be connected to the
BAT1/BAT2 pins, through the RC input network shown in the Typical Application section. Unused VCx inputs
should be connected to the next VCx input down until an input connected to a cell is reached – that is, in a four
cell stack, VC6 connects to VC5, which connects to VC4 (Figure 13).
The internal multiplexer control can be set to scan only the inputs which are connected to cells, thereby speeding
up conversions slightly. The multiplexer is controlled by the ADC_CONTROL[CN2:0] bits.
Figure 13. Connecting < 6 Cells (4 Shown)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com