전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ76PL536APAPT 데이터시트(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ76PL536APAPT
상세설명  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT 데이터시트(HTML) 18 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.1.3 Cell Voltage Measurements
Use the following formula (all values are in decimal) to convert the returned cell measurement value to a dc
voltage (in mV).
mV = (REGMSB × 256 + REGLSB) × 6250 / 16383
(1)
Example:
Cell_1 == 3.35 V (3350 mV);
After conversion, REG_03 == 0x22; REG_04 == 0x4d
0x22 × 0x100 + 0x4d = 0x224d (8781.)
8781 × 6250 / 16,383 = 3349.89 mV
≈ 3.35 V
7.3.1.4 GPAI or VBAT Measurements
The bq76PL536A features a differential input to the ADC from two external pins, GPAI+ and GPAI–. The ADC
GPAI result register can be configured (via the FUNCTION_CONFIG[GPAI_SRC] to provide a measurement of
the voltage on these two pins, or of the brick voltage present between the BATx pins and VC0.
In the bq76PL536A device, the VBAT measurement is taken from the BATx pin to the VC0 pin, and is a separate
input to the ADC mux. Because this is a separate input to the ADC, certain common system faults, such as a
broken cell wire, can be easily detected using the bq76PL536A and simple firmware techniques.
The GPAI measurement can be configured to use one of two references via FUNCTION_CONFIG[GPAI_REF].
Either the internal bandgap (VREF) or REG50 can be selected. When REG50 is selected, the ADC returns a ratio
of the voltage at the inputs and REG50, removing the need for compensation of the REG50 voltage accuracy or
drift when used as a source to excite the sensor. When the device is configured to measure VBAT
(FUNCTION_CONFIG[GPAI_SRC]
=
1),
the
device
selects
VREF
automatically
and
ignores
the
FUNCTION_CONFIG[GPAI_REF] setting.
7.3.1.4.1
Converting GPAI Result to Voltage
To convert the returned GPAI measurement value to a voltage using the internal band-gap reference
(FUNCTION_CONFIG[GPAI_REF] = 1), the following formula is used.
mV = (REGMSB × 256 + REGLSB) × 2500 / 16,383
•
FUNCTION_CONFIG = 0100 xxxxb
(2)
Example:
The voltage connected to the GPAI inputs == 1.25 V;
After conversion, REG_01 == 0x20; REG_02 == 0x00
0x20 × 0x100 + 0x00 = 0x2000 (8192.)
8192 × 2500 / 16,383 = 1250 mV
7.3.1.4.2
Converting VBAT Result to Voltage
To convert the returned VBAT measurement value to a voltage, the following formula is used.
V = (REGMSB × 256 + REGLSB) × 33.333 / 2
14 (33.333 ≈ 6.25 / 0.1875)
•
FUNCTION_CONFIG = 0101 xxxxb
(3)
Example:
The sum of the series cells connected to VC6–VC0 == 20.295 V;
After conversion, REG_01 == 0x26; REG_02 == 0xf7
0x26 × 0x100 + 0xf7 = 0x26f7 (9975.)
9975 × 33.333 / 16,383 = 20.295 V
18
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com