전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ76PL536APAPT 데이터시트(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ76PL536APAPT
상세설명  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT 데이터시트(HTML) 63 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 59Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 60Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 61Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 62Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 63Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 64Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 65Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 66Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
9 Power Supply Recommendations
9.1 Power Supply Decoupling
The LDOA, LDOD1, LDOD2 and REG50 pins all require a 2.2-µF ceramic capacitor to be placed as closely as
possible to the respective pins to optimize stability. The bq76PL536A requires a power supply with between 7.2
V to 27 V inputs. When fewer than six cells are used, see Figure 13 for details.
10 Layout
10.1 Layout Guidelines
For typical applications, the following guidelines and practices should be followed closely:
•
VREF and AGND pins require a high-quality 10-µF capacitor be connected between them, in very close
physical proximity to the device pins, using short track lengths to minimize the effects of track inductance on
signal quality.
–
The AGND pin should be connected to VSS. Device VSS connections should be brought to a single point
close to the IC to minimize layout-induced errors. The device tab should also be connected to this point,
and is a convenient common VSS location. The internal VREF should not be used externally to the device
by user circuits.
•
The internal analog supply should be bypassed at the LDOA pin with a good-quality, low-ESR, 2.2-µF
ceramic capacitor.
NOTE
Because the LDODx inputs are pulled to approximately 7 V during programming,
programming time MUST be < 50 ms.
•
The bq76PL536A has a low-dropout (LDO) regulator provided to power the thermistors and other external
circuitry. The input for this regulator is VBAT. The output of REG50 is typically 5 V. A minimum 2.2-µF
capacitor is required for stable operation. The output is internally current-limited and is reduced to near zero,
if excess current is drawn, causing die temperatures to rise to unacceptable levels. The 2.2-µF output
capacitor is required whether REG50 is used in the design or not. REG50 is disabled in SLEEP mode, may
be turned off under thermal-shutdown conditions, and therefore should not be used as a pull-up source for
terminating device pins where required.
•
The bq76PL536A includes a general-purpose input/output pin controlled by the IO_CONTROL[GPIO_OUT]
bit. The state of this bit is reflected on the pin. To use the pin as an input, program GPIO_OUT to a 1, and
then read the IO_CONTROL[GPIO_IN] bit. A pull-up (10 k
Ω–1 MΩ, typical) is required on this pin if used as
an input. If the pull-up is not included in the design, system firmware must program a 0 in
IO_CONTROL[GPIO_OUT] to prevent excess current draw from the floating input. Use of a pull-up is
recommended in all designs to prevent an unintentional increase in current draw.
•
Device-to-device (D2D) communications makes use of a unique, current-mode interface which provides
common-mode voltage isolation between successive bq76PL536As. This vertical bus (VBUS) is found on the
_N and corresponding _S pins. It provides high-speed I/O for both the SPI bus and the direct I/O pins CONV
and DRDY. The current-mode interface minimizes the effects of wiring capacitance on the interface speed.
The _S (south-facing) pins connect to the next-lower device (operating at a lower potential) in the stack of
bq76PL536As. The _N (North facing) pins connect to the next-higher device. The pins cannot be swapped;
_S always points South, and _N always point North. The _S and _N pins are interconnected to the pin with
the same name, but opposite suffix.
–
All pins operate within the voltages present at the BAT and VSS pins.
–
The maximum SCLK frequency is limited by the number of devices in the vertical stack and other factors.
Each device imposes an approximately 30-ns delay on the round trip communications speed; that is, from
SCLK rise time (an input to all devices) to the SDO pin transition time requires approximately 30 ns per
device. The designer must add to this the delay caused by the PCB trace (in turn determined by the
material and layout), any connectors in series with the connection, and any other wiring or cabling
between devices in the system.
•
When designing the layout, several considerations need to be taken into account.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com