전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ76PL536APAPT 데이터시트(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ76PL536APAPT
상세설명  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT 데이터시트(HTML) 15 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
100000
105000
110000
115000
120000
D013
40qC
25qC
105qC
Temperature (DC)
-40
-20
0
20
40
60
80
100 110
9
10
11
12
13
14
15
16
D002
MIN
AVG
MAX
Temperature (qC)
-40
-20
0
20
40
60
80
100 110
8
9
10
11
12
13
14
15
16
D004
D001
MIN
AVG
MAX
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.06
-0.045
-0.03
-0.015
0
0.015
0.03
0.045
D011
40qC
25qC
105qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
4.9
4.95
5
5.05
5.1
D012
40qC
25qC
105qC
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Typical Characteristics (continued)
Figure 8. VBAT at 27 V
Figure 9. REG50 Output Voltage
Figure 10. IBAT_Sleep at 7.2 V
Figure 11. IBAT_Sleep at 27 V
Figure 12. Cell Balancing Pin Impedance
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com