전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N3 데이터시트(PDF) 29 Page - PerkinElmer Optoelectronics

부품명 VT2N3
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 데이터시트(HTML) 29 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 25Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 26Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 27Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 28Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 29Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 30Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 31Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 32Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 33Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
24
Application Notes—Photoconductive Cells
LED Light Sources
APPLICATION NOTE #4
Spectral Matching of LEDs and
Photoconductive Types
Since light sources and light detectors are almost always used
together the designer must take into consideration the optical coupling
of this system or the ability of the detector to “see” the light source.
In order to have good optical coupling between the emitter and the
conductor the spectral output of the light source must, to some degree,
overlap the spectral response of the detector. If the design involves the
use of a light source with a broad band spectral output the designer is
assured that the photocell will have good response to the light. This
may not be the case when an LED light source is employed. LEDs emit
their light within a very narrow spectral band so that they are often
considered to be emitting at only on (peak) wavelength.
Spectral matching factors were calculated for a number of different
LEDs and the photoconductor material types manufactured by
PerkinElmer. Each matching factor was derived by multiplying the
detector response curves by the LED spectral output curve and then
measuring the resulting area.
The LED/photocell matching factors listed are independent of power
output from the LEDs. In order to get a real feel on how well any LED/
photocell pair couple together, the power output from the LED at a
particular forward drive current must be considered.
Normalized LED/Photocell Matching
The intensity of the light being emitted by visible LEDs is often given in
units of millicandela. Millicandela is photometric unit of measure which
assumes the human eye as the detector. For most detectors other than
the human eye the most convenient system for measurement is the
radiometric system. Listed below is the typical light power output of
some LEDs measured at two different forward drive currents. Note that
LEDs of a given type can show a 5:1 manufacturing spread in power
outputs.
LED Type
Color
λ
P
GaP
GREEN
569 nm
GaAsP/GaP
YELLOW
585 nm
GaAsP/GaP
ORANGE
635 nm
GaAsP/GaAs
RED
655 nm
AIGaAs
RED
660 nm
GaP/GaP
RED
697 nm
GaAIAs
INFRARED
880 nm
GaAs
INFRARED
940 nm
LED Type
λ
P (nm)
Type Ø Material
Type 3 Material
GaP
569
39%
40%
GaAsP/GaP
58
60%
52%
GaAsP/GaP
635
49%
38%
GaAsP/GaAs
655
31%
27%
AIGaAs
66
31%
27%
GaP/GaP
697
47%
31%
GaAIAs
880
—
—
GaAs
940
—
—
LED Type
Color
λ
P (nm)
Power Output
If = 1 mA
If = 10 mA
GaP
GREEN
569 nm
1.2 µW
24.1 µW
GaAsP/GaP
YELLOW
585 nm
0.3 µW
26.2 µW
GaAsP/GaP
ORANGE
635 nm
3.2 µW
101.9 µW
GaAsP/GaAs
RED
655 nm
6.2 µW
102.1 µW
AIGaAs
RED
660 nm
33.8 µW
445.1 µW
GaP/GaP
RED
697 nm
54.3 µW
296.2 µW
GaAIAs
INFRARED
880 nm
76.8 µW
1512.3 µW
GaAs
INFRARED
940 nm
35.5 µW
675.0 µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com