전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N3 데이터시트(PDF) 41 Page - PerkinElmer Optoelectronics

부품명 VT2N3
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 데이터시트(HTML) 41 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 37Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 38Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 39Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 40Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 41Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 42Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 43Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 44Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 45Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
36
Characteristics of Analog Optical Isolators
Figure 3. Typical LED AOI Distortion Characteristics
At high AC voltages, distortion to the waveform can be seen using an
oscilloscope. The waveform is still symmetrical but contains the
fundamental and the odd harmonics, the third harmonic being
predominant. If there is DC as well as AC voltage on the photocell,
both even and odd harmonics are generated.
The RMS value of voltage or current is not very sensitive to a large
third harmonic component, but the instantaneous value is. A 10%
harmonic will only change the RMS values by 0.5%. If the output is
used to control a thermal element, such as a thermal relay, circuit
operation is not affected. Further, when the AOI is used in ON-OFF
applications, waveform distortion is not a problem.
(a)
(b)
(d)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com