전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N3 데이터시트(PDF) 49 Page - PerkinElmer Optoelectronics

부품명 VT2N3
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 데이터시트(HTML) 49 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 45Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 46Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 47Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 48Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 49Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 50Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 51Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 52Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 53Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
44
Typical Performance Curves
Output Resistance vs. Input Current
VTL5C1
Output Resistance vs. Input Current
VTL5C2
Input Characteristics
Response Time
VTL5C1
Response Time
VTL5C2
Notes:
1.
At 1.0 mA and below, units may have substantially higher
resistance than shown in the typical curves. Consult factory if
closely controlled characteristics are required at low input
currents.
2.
Output resistance vs input current transfer curves are given for
the following light adapt conditions:
(1)
25°C — 24 hours @ no input
(2)
25°C — 24 hours @ 40 mA input
(3)
+50°C — 24 hours @ 40 mA input
(4)
–20°C — 24 hours @ 40 mA input
3.
Response time characteristics are based upon test following
adapt condition (2) above.
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com