전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N3 데이터시트(PDF) 46 Page - PerkinElmer Optoelectronics

부품명 VT2N3
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 데이터시트(HTML) 46 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 42Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 43Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 44Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 45Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 46Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 47Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 48Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 49Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 50Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
41
Characteristics of Analog Optical Isolators
Analog Optoisolator Comparison Chart
Specification Notes
(These notes are referenced on the following LED Vactrol Data Sheet pages.)
Since the input has a substantially constant voltage drop, a current limiting resistance is required.
Dark adapted resistance measured after 24 or more hours of no input.
Measured 10 sec. after removal of the input. The ultimate resistance is many times greater than the value at 10 seconds.
Ascent measured to 63% of final conductance from the application of 40 mA input. The conductance rise time to a specified value is
increased at reduced input drive while the conductance decay time to a specified value is decreased.
Typical matching and tracking from 0.4 to 40 mA is 25%.
Measured 5 sec. after removal of the input. The ultimate resistance is many times greater than the value at 5 seconds.
VTL5C9 response times are based on a 2.0 mA input. VTL5C10 response times are based on a 10.0 mA input for ascent time and
a 1.0 mA input for decay time.
Device
Material Type
Slope
Dynamic Range
Dark Resistance
Temperature
Coefficient
Speed of
Response
Light History
Effect
VTL5C1
1
15.0
100 db
50 M
Ω
Very High
Very Fast
Very Large
VTL5C2
Ø
24.0
69 db
1 M
Ω
Low
Slow
Small
VTL5C2/2
Ø
20.0
65 db
1 M
Ω
Low
Slow
Small
VTL5C3
3
20.0
75 db
10 M
Ω
Very Low
Very Slow
Very Small
VTL5C3/2
3
19.0
71 db
10 M
Ω
Very Low
Very Slow
Very Small
VTL5C4
4
18.7
72 db
400 M
Ω
High
Fast
Large
VTL5C4/2
4
8.3
68 db
400 M
Ω
High
Fast
Large
VTL5C6
Ø
16.7
88 db
100 M
Ω
Low
Slow
Small
VTL5C7
7
5.7
75 db
1 M
Ω
Average
Average
Average
VTL5C8
Ø
8.0
80 db
10 M
Ω
Low
Slow
Small
VTL5C9
1
7.3
112 db
50 M
Ω
Very High
Very Fast
Very Large
VTL5C10
4
3.8
75 db
400 M
Ω
High
Fast
Large
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com