전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 324 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 324 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 320Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 321Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 322Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 323Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 324Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 325Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 326Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 327Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 328Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 355 page
background image
3-76
APPENDIX
38B5 Group User’s Manual
3.7 ROM programming confirmation form
740 FAMILY ROM PROGRAMMING CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M38B59EF-XXXFP
MITSUBISHI ELECTRIC
GZZ-SH54-22B<88A0>
ROM number
We recommend the use of the following pseudo-command to set the start address of the assembler source program be-
cause ASCII codes of the product name are written to addresses 000016 to 000816 of EPROM.
EPROM type
The pseudo-command
Note : If the name of the product written to the EPROMs does not match the name of the ROM programming confirmation
form, the ROM will not be processed.
27512
*=
$0000
.BYTE
‘M38B59EF–’
(2/2)
g 2. Mark specification
Mark specification must be submitted using the correct form for the package being ordered. Fill out the appropriate
mark specification form (80P6N) and attach it to the ROM programming confirmation form.
g 3. Usage conditions
Please answer the following questions about usage for use in our product inspection :
(1) How will you use the XIN-XOUT oscillator?
At what frequency?
f(XIN) =
Ceramic resonator
External clock input
Quartz crystal
Other (
)
MHz
g 4. Comments
(2) How will you use the XCIN-XCOUT oscillator?
At what frequency?
f(XCIN) =
Ceramic resonator
External clock input
Quartz crystal
Other (
)
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More