전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 325 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 325 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 321Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 322Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 323Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 324Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 325Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 326Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 327Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 328Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 329Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 355 page
background image
38B5 Group User’s Manual
3-77
APPENDIX
3.8 Mark specification form
3.8 Mark specification form
1
80
65
40
64
41
25
24
Mitsubishi product number
(6-digit, or 7-digit)
1
80
65
40
64
41
25
24
Customer’s Par ts Number
Note
: The fonts and size of characters are standard Mitsubishi type.
Mitsubishi IC catalog name
Notes 1 : The mark field should be written right aligned.
2 : The fonts and size of characters are standard Mitsubishi type.
3 : Customer’s parts number can be up to 14 alphanumeric char-
acters for capital letters, hyphens, commas, periods and so on.
4 : If the Mitsubishi logo
is not required, check the box below.
Mitsubishi logo is not required
80P6N (80-PIN QFP) MARK SPECIFICATION FORM
Mitsubishi IC catalog name
Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed).
A. Standard Mitsubishi Mark
C. Special Mark Required
B. Customer’s Parts Number + Mitsubishi IC Catalog Name
Mitsubishi IC catalog name
Notes1 : If special mark is to be printed, indicate the desired lay-
out of the mark in the left figure. The layout will be
duplicated technically as close as possible.
Mitsubishi product number (6-digit, or 7-digit) and Mask
ROM number (3-digit) are always marked for sorting the
products.
2 : If special character fonts (e,g., customer’s trade mark
logo) must be used in Special Mark, check the box be-
low.
For the new special character fonts, a clean font original
(ideally logo drawing) must be submitted.
Special character fonts required
1
80
65
40
64
41
25
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More