전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 342 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 342 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 338Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 339Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 340Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 341Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 342Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 343Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 344Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 345Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 355 page
background image
3-94
APPENDIX
38B5 Group User’s Manual
3.12 M35501FP
USAGE
Three usages of the M35501FP are described below.
(1) 16-Digit Mode: 16 digits selected
The number of digits is set to 16 by fixing the OVFIN pin to “H” and
the SEL pin to “L.” Figure 3.12.5 shows the output waveform.
(2) Optional Digit Mode: 1-16 digits selectable
When the number of CLK pin rising edges during an “H” period of
the SEL pin is n and the OVFIN pin is fixed to “H,” the number of
digits set is n. If n is 16 or more, all 16 digits are set. Figure 3.12.6
shows the output waveform.
Fig. 3.12.4 Digit setting
(3) Cascade Mode: 17 digits or more selectable
17 digits or more can be used by connecting two M35501FPs or
more. Figure 3.12.7 shows an example using three M35501FPs, of-
fering 33 to 48 digit outputs.
Cascade mode will not operate if all M35501FPs are in 16-digit
mode (SEL = “L”). Use the most significant M35501FP in the optional
digit mode for DIG output. Figure 3.12.8 shows the output waveform.
SEL pin
CLK pin
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More