전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP9903T-2E/RW 데이터시트(PDF) 22 Page - Microchip Technology

부품명 MCP9903T-2E/RW
상세설명  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW 데이터시트(HTML) 22 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 18Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 19Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 20Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 21Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 22Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 23Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 24Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 25Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCP9902/3/4
DS20005382C-page 22
 2015-2016 Microchip Technology Inc.
5.7
Data Read Interlock
When any temperature channel high byte register is
read, the corresponding low byte is copied into an
internal ‘shadow’ register. The user is free to read the
low byte at any time and be guaranteed that it will
correspond to the previously read high byte.
Regardless if the low byte is read or not, reading from
the same high byte register again will automatically
refresh this stored low byte data.
REGISTER 5-1:
INT TEMP HI BYTE: INTERNAL DIODE HIGH BYTE TEMPERATURE DATA
REGISTER (ADDRESS 00H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
IHB<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
IHB<7:0>
: 2’s complement integer value of the internal diode temperature reading
REGISTER 5-2:
INT TEMP LO BYTE: INTERNAL DIODE LOW BYTE TEMPERATURE DATA
REGISTER (ADDRESS 29H)
R-0
R-0
R-0
U-0
U-0
U-0
U-0
U-0
ILB<2:0>
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-5
ILB<2:0>
: Fractional portion of the Internal Diode Temperature to be added to the value at register
00h
111
= 0.875°C
110
= 0.750°C
101
= 0.625°C
100
= 0.500°C
011
= 0.375°C
010
= 0.250°C
001
= 0.125°C
000
= 0.000°C
4-0
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50