| 전자부품 데이터시트 검색엔진 |
|
MCP9903T-2E/RW 데이터시트(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9903T-2E/RW 데이터시트(HTML) 23 Page - Microchip Technology |
|
23 / 50 page ![]() 2015-2016 Microchip Technology Inc. DS20005382C-page 23 MCP9902/3/4 ) REGISTER 5-3: EXT(N) TEMP HI BYTE: EXTERNAL DIODE HIGH BYTE TEMPERATURE DATA REGISTER (ADDRESSES 01H, 23H, 2AH) R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 EXT(N)_HB<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 EXT(N)_HB<7:0> : 2’s complement integer value of the External Diode n temperature reading, where n = 1 to 3, depending on the device REGISTER 5-4: EXT(N) TEMP LO BYTE: EXTERNAL DIODE LOW BYTE TEMPERATURE DATA REGISTER (ADDRESSES 10H, 24H, 2BH) R-0 R-0 R-0 U-0 U-0 U-0 U-0 U-0 EXT(N)_LB<2:0> — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-5 EXT(N)_LB<2:0> : Fractional portion of the Internal Diode Temperature to be added to the value at register 00h 111 = 0.875°C 110 = 0.750°C 101 = 0.625°C 100 = 0.500°C 011 = 0.375°C 010 = 0.250°C 001 = 0.125°C 000 = 0.000°C 4-0 Unimplemented : Read as ‘0’ |