| 전자부품 데이터시트 검색엔진 |
|
MCP9903T-2E/RW 데이터시트(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9903T-2E/RW 데이터시트(HTML) 17 Page - Microchip Technology |
|
17 / 50 page ![]() 2015-2016 Microchip Technology Inc. DS20005382C-page 17 MCP9902/3/4 5.4.1 WRITE BYTE The Write Byte is used to write one byte of data to the registers, as shown in Table 5-2. 5.4.2 READ BYTE The Read Byte protocol is used to read one byte of data from the registers as shown in Table 5-3. 5.4.3 SEND BYTE The Send Byte protocol is used to set the internal address register pointer to the correct address location. No data is transferred during the Send Byte protocol as shown in Table 5-4. 5.4.4 RECEIVE BYTE The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads of the same register as shown in Table 5-5. TABLE 5-2: WRITE BYTE PROTOCOL START Slave Address WR ACK Register Address ACK Register Data ACK STOP 1 → 0 YYYY_YYY 0 0 XXh 0 XXh 0 0 → 1 TABLE 5-3: READ BYTE PROTOCOL START Slave Address WR ACK Register Address ACK 1 → 0 YYYY_YYY 0 0 XXh 0 START Slave Address RD ACK Register Data NACK STOP 1 → 0 YYYY_YYY 1 0 XXh 1 0 → 1 TABLE 5-4: SEND BYTE PROTOCOL START Slave Address WR ACK Register Address ACK STOP 1 → 0 YYYY_YYY 0 0 XXh 0 0 → 1 TABLE 5-5: RECEIVE BYTE PROTOCOL START Slave Address RD ACK Register Data NACK STOP 1 → 0 YYYY_YYY 1 0 XXh 1 0 → 1 |