전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP9903T-2E/RW 데이터시트(PDF) 34 Page - Microchip Technology

부품명 MCP9903T-2E/RW
상세설명  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW 데이터시트(HTML) 34 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 30Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 31Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 32Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 33Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 34Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 35Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 36Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 37Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MCP9902/3/4
DS20005382C-page 34
 2015-2016 Microchip Technology Inc.
REGISTER 5-24:
HI LIM STS – HIGH LIMIT STATUS REGISTER (ADDRESS 35H)
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
—
—
—
—
E3HIGH
E2HIGH
E1HIGH
IHIGH
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3HIGH
: This bit is set when the External Diode 3 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
2
E2HIGH
: This bit is set when the External Diode 2 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
1
E1HIGH
: This bit is set when the External Diode 1 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
0
IHIGH
: This bit is set when the Internal Diode exceeds its programmed high limit. Reading this register
will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50