전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9110 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 EL9110
상세설명  Differential Receiver/Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110 데이터시트(HTML) 5 Page - Intersil Corporation

  EL9110 Datasheet HTML 1Page - Intersil Corporation EL9110 Datasheet HTML 2Page - Intersil Corporation EL9110 Datasheet HTML 3Page - Intersil Corporation EL9110 Datasheet HTML 4Page - Intersil Corporation EL9110 Datasheet HTML 5Page - Intersil Corporation EL9110 Datasheet HTML 6Page - Intersil Corporation EL9110 Datasheet HTML 7Page - Intersil Corporation EL9110 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. GAIN AS THE FUNCTION OF VCTRL
FIGURE 9. GROUP DELAY AS THE FUNCTION OF THE
FREQUENCY REPONSE CONTROL VOLTAGE
(VCTRL)
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
0
-20
-40
-60
-80
-100
10
10K
10M 100M
FREQUENCY (Hz)
100
100K
1K
1M
VCC=5V
VCTRL=0V
VGAIN=0V
INPUTS ON GND
10dB/DIV
1M
FREQUENCY (Hz)
10M
100M
100mV STEP
VCTRL=0mV
VCTRL=800mV
100mV STEP
VCTRL=0mV
VCTRL=900mV
1M
100M
FREQUENCY (Hz)
10M
200M
10ns/DIV
791mW
θ
JA=15
8°C/W
QSO
P16
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
1.116W
θ
JA=11
2°C
/W
QSO
P16
1.8
1.6
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
1.4
1.2
EL9110



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com