전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9110 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 EL9110
상세설명  Differential Receiver/Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110 데이터시트(HTML) 3 Page - Intersil Corporation

  EL9110 Datasheet HTML 1Page - Intersil Corporation EL9110 Datasheet HTML 2Page - Intersil Corporation EL9110 Datasheet HTML 3Page - Intersil Corporation EL9110 Datasheet HTML 4Page - Intersil Corporation EL9110 Datasheet HTML 5Page - Intersil Corporation EL9110 Datasheet HTML 6Page - Intersil Corporation EL9110 Datasheet HTML 7Page - Intersil Corporation EL9110 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LOGIC CONTROL PINS
VHI
Logic High Level
VIN - VLOGIC ref for guaranteed high level
1.35
V
VLOW
Logic Low Level
VIN - VLOGIC ref for guaranteed low level
0.8
V
ILOGICH
Logic High Input Current
VIN = 5V, VLOGIC = 0V
50
µA
ILOGICL
Logic Low Input Current
VIN = 0V, VLOGIC = 0V
15
µA
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = 25°C, Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN NUMBER
PIN NAME
PIN TYPE
PIN FUNCTION
1
CTRL_REF
Input
Reference voltage for VGAIN and VCTRL pins
2
VCTRL
Input
Control voltage (0 to 1V) to set equalization
3
VINP
Input
Positive differential input
4
VINM
Input
Negative differential input
5
VS-
Power
-5V to core of chip
6
CMOUT
Output
Output of common mode voltage present at inputs
7
VGAIN
Input
Control voltage to set overall gain (0 to 1V)
8
LOGIC_REF
Input
Reference voltage for all logic signals
9
X2
Logic Input
Logic signal; low - gain = 1, high - gain = 2
10
0V
0V reference for output voltage
11
VSA-
Power
-5V to output buffer
12
VOUT
Output
Single-ended output voltage reference to pin 10
13
VSA+
Power
+5V to output buffer
14
ENBL
Logic Input
Logic signal to enable pin; low - disabled, high - enabled
15
VS+
Power
+5V to core of chip
16
CMEXT
Logic Input
Logic signal to enable CM range extension; active high
EL9110



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com