전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9110 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 EL9110
상세설명  Differential Receiver/Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110 데이터시트(HTML) 8 Page - Intersil Corporation

  EL9110 Datasheet HTML 1Page - Intersil Corporation EL9110 Datasheet HTML 2Page - Intersil Corporation EL9110 Datasheet HTML 3Page - Intersil Corporation EL9110 Datasheet HTML 4Page - Intersil Corporation EL9110 Datasheet HTML 5Page - Intersil Corporation EL9110 Datasheet HTML 6Page - Intersil Corporation EL9110 Datasheet HTML 7Page - Intersil Corporation EL9110 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Block Diagram
Typical Application
VS- & VSA- connected to -5V
VS+ & VSA+ connected to +5V
GAIN
ASP
CONTROL
ASP
+
BIAS
CIRCUITRY
COMMON
MODE RANGE
EXTENDED
LOGICREF
X2
VSA+
ENBL
VOUT
0V
VSA-
VGAIN
CTRLREF
VCTRL
CMOUT
DIFFERENTIAL
LINE IN
VINP
VINM
CMEXT
VS+VS-
VS- & VSA- CONNECTED TO -5V
VS+ & VSA+ CONNECTED TO +5V
COMMON
MODE
RECOVERY
LOW FREQ BOOST
CONTRAST
EQUALIZING
BOOST
INPUT AMP
±6dB
RANGE
DIFFERENTIAL TO
SINGLE-ENDED
X2/X1
VCTRL
0.1µF
100
-5V
0.1µF
CMOUT
+5V
0.1µF
+5V
-5V
75
0.1µF
+5V
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
CTRL
_REF
VCTRL
VINP
VINM
VS-
CMOUT
VGAIN
LOGIC
_REF
CMEXT
VS+
ENBL
VSA+
VOUT
VSA-
0V
X2
EL9110



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com