전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9110 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 EL9110
상세설명  Differential Receiver/Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110 데이터시트(HTML) 2 Page - Intersil Corporation

  EL9110 Datasheet HTML 1Page - Intersil Corporation EL9110 Datasheet HTML 2Page - Intersil Corporation EL9110 Datasheet HTML 3Page - Intersil Corporation EL9110 Datasheet HTML 4Page - Intersil Corporation EL9110 Datasheet HTML 5Page - Intersil Corporation EL9110 Datasheet HTML 6Page - Intersil Corporation EL9110 Datasheet HTML 7Page - Intersil Corporation EL9110 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . .12V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = 25°C, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
Bandwidth
(See Figure 1)
150
MHz
SR
Slew Rate
VIN = -1V to +1V, VG = 0.35, VC = 0, RL = 75 + 75Ω
1.5
V/ns
THD
Total Harmonic Distortion
10MHz 1VP-P out, VG = 0.35V, X2 gain, VC = 0
-50
dBc
DC PERFORMANCE
VOS
Offset Voltage (bin #1)
X2 gain, no equalization
-250
-10
+250
mV
Offset Voltage (bin #2)
CPI9049
mV
INPUT CHARACTERISTICS
CMIR
Common-mode Input Range
Common-mode extension off
-4/+3.5
V
CMIRx
Extended CMIR
Common-mode extension on
±4.5
V
ONOISE
Output Noise
VG = 0.35, X2 gain, 75 + 75Ω load, VC = 0.6
25
mV
RMS
CMRR
Common-mode Rejection Ratio
Measured at 10kHz
60
dB
CMRR+
Common-mode Rejection Ratio
Measured at 10MHz
50
dB
CMBW
CM Amplifier Bandwidth
10K || 10pF load
50
MHz
CMSLEW
CM Slew Rate
Measured @ +1V to -1V
100
V/µs
CINDIFF
Differential Input Capacitance
Capacitance VINP to VINM
600
fF
RINDIFF
Differential Input Resistance
Resistance VINP to VINM
12.4
M
CINCM
CM Input Capacitance
Capacitance VINP = VINM to ground
1.2
pF
RINCM
CM Input Resistance
Resistance VINP = VINM to ground
1
2.8
M
+IIN
Positive Input Current
DC bias @ VINP = VINM = 0V
1
µA
-IIN
Negative Input Current
DC bias @ VINP = VINM = 0V
1
µA
VINDIFF
Differential Input Range
VINP - VINM when slope gain falls to 0.9
2.5
3.2
V
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω
±3.5
V
IOUT
Output Drive Current
RL = 10Ω, VINP = 1V, VINM = 0V, X2 = gain,
VG = 0.35
50
60
mA
ROUTCM
CM Output Resistance
at 100kHz
30
DiffGain
Differential Gain
VC = 0, VG = 0.35, X2 = 5, RL = 75 + 75Ω
0.85
1.0
1.1
SUPPLY
ISON
Supply Current
VENBL = 5, VINM = 0
27
34
mA
ISOFF
Supply Current
VENBL = 0, VINM = 0
0.4
0.8
mA
PSRR
Power Supply Rejection Ratio
DC to 100kHz, ±5V supply
60
dB
EL9110



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com