| 전자부품 데이터시트 검색엔진 |
|
OV7620 데이터시트(PDF) 33 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OV7620 데이터시트(HTML) 33 Page - List of Unclassifed Manufacturers |
|
33 / 60 page ![]() OV7620 Product Specifications - Rev. 1.2 (5/13/00) OMNIVISION TECHNOLOGIES INC. 33 Preliminary Company Confidential Interlaced: FD<1:0>- field mode selection. Each frame consists of two fields: Odd & Even, these bits defines the assertion of HREF in relation to the two fields. 00 - OFF mode; HREF is not asserted in both fields, one exception is the single frame transfer operation (see the description for the register [13]) 01 - ODD mode; HREF is asserted in odd field only. 10 - EVEN mode; HREF is asserted in even field only. 11 - FRAME mode; HREF is asserted in both odd field and even field. FD<7:2> useless (default). Progressive Scan: FD<1:0> - frame mode selection. 00 - OFF mode; HREF is not asserted in both fields, one exception is the single frame transfer operation (see the description for the register [13]) 01,10 - SLOT mode; HREF is asserted in frame according FD<7:2>. 11 - FRAME mode; HREF is asserted in every frame. FD<7:2> useless FODD HREF slot 1 slot 2 slot 3 slot 4 slot 1 slot 2 slot 3 slot 4 HREF slot 2 slot 1 slot 2 slot 1 slot 2 slot 1 slot 2 slot 1 EVEN MODE FD<7:2>=000010 ODD MODE FD<7:2>=000001 FIG 1.9 Field Division Examples (Interlaced Mode) FD<1:0>=10 FD<1:0>=01 1 field HREF slot 2 slot 1 slot 2 slot 1 slot 2 slot 1 slot 2 slot 1 FD<7:2>=000001 FIG 1.10 Frame Division Examples (Progressive Scan Mode) FD<1:0>=01 VSYNC 1 frame |