| 전자부품 데이터시트 검색엔진 |
|
OV7620 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OV7620 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 60 page ![]() OV7620 Product Specifications - Rev. 1.2 (5/13/00) OMNIVISION TECHNOLOGIES INC. 10 Preliminary Company Confidential used in the control are shared with the digital video port data bus. At power up, the video port is initially tri-stated, allowing the external pull-up/pull-down resistor to set the default operating con- ditions, 2048 clocks later the video port resumes normal function. The detail of the power up pin control method is explained in the individual pin out section. SCCB interface provides full access to all the features. The detail is in the SCCB register set. |