전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446VC 데이터시트(PDF) 55 Page - STMicroelectronics

부품명 STM32F446VC
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC 데이터시트(HTML) 55 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 51Page - STMicroelectronics STM32F446VC Datasheet HTML 52Page - STMicroelectronics STM32F446VC Datasheet HTML 53Page - STMicroelectronics STM32F446VC Datasheet HTML 54Page - STMicroelectronics STM32F446VC Datasheet HTML 55Page - STMicroelectronics STM32F446VC Datasheet HTML 56Page - STMicroelectronics STM32F446VC Datasheet HTML 57Page - STMicroelectronics STM32F446VC Datasheet HTML 58Page - STMicroelectronics STM32F446VC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 202 page
background image
DocID027107 Rev 6
55/202
STM32F446xC/E
Pinout and pin description
66
51
78
D3
B11
111
PC10
I/O FT
-
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDIO_D2, DCMI_D8,
EVENTOUT
-
52
79
D4
B10 112
PC11
I/O FT
-
SPI3_MISO, USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
SDIO_D3, DCMI_D4,
EVENTOUT
-
53
80
A2
C10 113
PC12
I/O FT
-
I2C2_SDA,
SPI3_MOSI/I2S3_SD,
USART3_CK, UART5_TX,
SDIO_CK, DCMI_D9,
EVENTOUT
-
-81
B3
E10 114
PD0
I/O FT
-
SPI4_MISO,
SPI3_MOSI/I2S3_SD,
CAN1_RX, FMC_D2,
EVENTOUT
-
-82
C4
D10 115
PD1
I/O FT
-
SPI2_NSS/I2S2_WS,
CAN1_TX, FMC_D3,
EVENTOUT
-
54
83
D5
E9
116
PD2
I/O FT
-
TIM3_ETR, UART5_RX,
SDIO_CMD, DCMI_D11,
EVENTOUT
-
-84
-
D9
117
PD3
I/O FT
-
TRACED1,
SPI2_SCK/I2S2_CK,
USART2_CTS,
QUADSPI_CLK,
FMC_CLK, DCMI_D5,
EVENTOUT
-
-85
A3
C9
118
PD4
I/O FT
-
USART2_RTS, FMC_NOE,
EVENTOUT
-
-86
-
B9
119
PD5
I/O FT
-
USART2_TX, FMC_NWE,
EVENTOUT
-
-
-
-
E7
120
VSS
S
-
-
-
-
--
-
F7
121
VDD
S
-
-
-
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More