전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446VC 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 STM32F446VC
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 46Page - STMicroelectronics STM32F446VC Datasheet HTML 47Page - STMicroelectronics STM32F446VC Datasheet HTML 48Page - STMicroelectronics STM32F446VC Datasheet HTML 49Page - STMicroelectronics STM32F446VC Datasheet HTML 50Page - STMicroelectronics STM32F446VC Datasheet HTML 51Page - STMicroelectronics STM32F446VC Datasheet HTML 52Page - STMicroelectronics STM32F446VC Datasheet HTML 53Page - STMicroelectronics STM32F446VC Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 202 page
background image
Pinout and pin description
STM32F446xC/E
50/202
DocID027107 Rev 6
26
35
F5
L4
46
PB0
I/O FT
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N,
SPI3_MOSI/I2S3_SD,
UART4_CTS,
OTG_HS_ULPI_D1,
SDIO_D1, EVENTOUT
ADC12_IN8
27
36
H6
M4
47
PB1
I/O FT
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N,
OTG_HS_ULPI_D2,
SDIO_D2, EVENTOUT
ADC12_IN9
28
37
J6
J5
48
PB2-BOOT1
(PB2)
I/O FT
-
TIM2_CH4, SAI1_SD_A,
SPI3_MOSI/I2S3_SD,
QUADSPI_CLK,
OTG_HS_ULPI_D4,
SDIO_CK, EVENTOUT
-
-
-
-
M5
49
PF11
I/O FT
-
SAI2_SD_B,
FMC_SDNRAS,
DCMI_D12, EVENTOUT
-
-
-
-
L5
50
PF12
I/O FT
-
FMC_A6, EVENTOUT
-
-
-
-
-
51
VSS
S
-
-
-
-
--
-
G5
52
VDD
S
-
-
-
-
--
-
K5
53
PF13
I/O FT
-
FMPI2C1_SMBA,
FMC_A7, EVENTOUT
-
--
-
M6
54
PF14
I/O FTf -
FMPI2C1_SCL, FMC_A8,
EVENTOUT
-
--
-
L6
55
PF15
I/O FTf -
FMPI2C1_SDA, FMC_A9,
EVENTOUT
-
-
-
-
K6
56
PG0
I/O FT
-
FMC_A10, EVENTOUT
-
-
-
-
J6
57
PG1
I/O FT
-
FMC_A11, EVENTOUT
-
-
38
J5
M7
58
PE7
I/O FT
-
TIM1_ETR, UART5_RX,
QUADSPI_BK2_IO0,
FMC_D4, EVENTOUT
-
-
39
H5
L7
59
PE8
I/O FT
-
TIM1_CH1N, UART5_TX,
QUADSPI_BK2_IO1,
FMC_D5, EVENTOUT
-
-
40
G5
K7
60
PE9
I/O FT
-
TIM1_CH1,
QUADSPI_BK2_IO2,
FMC_D6, EVENTOUT
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More