전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS1001-3 데이터시트(PDF) 38 Page - Microchip Technology

부품명 UCS1001-3
상세설명  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 데이터시트(HTML) 38 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 34Page - Microchip Technology UCS1001-3 Datasheet HTML 35Page - Microchip Technology UCS1001-3 Datasheet HTML 36Page - Microchip Technology UCS1001-3 Datasheet HTML 37Page - Microchip Technology UCS1001-3 Datasheet HTML 38Page - Microchip Technology UCS1001-3 Datasheet HTML 39Page - Microchip Technology UCS1001-3 Datasheet HTML 40Page - Microchip Technology UCS1001-3 Datasheet HTML 41Page - Microchip Technology UCS1001-3 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
38
SMSC UCS1001
DATASHEET
6.2.4.2
Constant Current Limiting (Variable Slope)
Constant current limiting is used when a portable device handshakes using the BC1.2 DCP charger
emulation profile and the current drawn is greater than ILIM (and ILIM < 1.5 A). It’s also used in BC1.2
CDP mode and during the DCE Cycle when a charger emulation profile is being applied.
In CC mode, the port power switch allows the attached portable device to reduce VBUS output voltage
to less than the input VS voltage while maintaining current delivery. The V/I slope depends on the user
set ILIM value. This slope is held constant for a given ILIM value.
Figure 6.1 Trip Current Limiting Operation
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
2.5
1.8
2.0
= ILIM’s
1.8
Power Switch Voltage and Current Output
go to Zero when ILIM is Exceeded
Trip action
(ILIM = 0.5 A)
Trip action
(ILIM = 2.5 A)
ILIM (Amps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com