전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX71122 데이터시트(PDF) 43 Page - Melexis Microelectronic Systems

부품명 MLX71122
상세설명  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 데이터시트(HTML) 43 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 43 of 59
390 10 71122 01
4.1.3. Control Word R2
Name
Bits
Description
A
[4:0]
swallow counter value
10100
value is 20
#default
swallow counter range: 0 to 31
N
[11:5]
program counter value (bits 0 – 6)
000 0111 1000
N value is 120
#default
N counter range: 3 to 2047
4.1.4. Control Word R3
N
[3:0]
program counter range (bits 7 – 10)
000 0111 1000
N value is 120
#default
N counter range: 3 to 2047
LO2DIV
[4]
LO2 divider ratio
0
1
divide by 4
divide by 8
#default
AGCEN
[5]
AGC enable mode
0
1
disabled
enabled
#default
AGCDEL
[7:6]
AGC delay settings
00
01
10
11
no delay
3/fIFF
15/fIFF
31/fIFF
#default
fIFF is the reference oscillator frequency fRO divided by RIFF, see section 4.1.6 (R6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com