| 전자부품 데이터시트 검색엔진 |
|
SST49LF016C 데이터시트(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST49LF016C 데이터시트(HTML) 28 Page - Microchip Technology |
|
28 / 43 page ![]() ©2016 DS20005029B 02/16 28 16 Mbit LPC Serial Flash SST49LF016C EOL Data Sheet The user may terminate AAI programming by dropping the WP#/AAI pin to TTL levels (VIH/VIL) as long as LD# is high and RY/BY# returns to high indicating the completion of the AAI cycle. Software block- locking will be disabled in AAI mode (all blocks will be write-unlocked). If AAI drops below the Super- voltage VH before RY/BY# returns to high (and LD# high), the contents of the page may be indetermi- nate. Table 18: LD# Input and RY/BY# Status in AAI Mode LD# state RY/BY# status RY/BY# Flag indication L H Device is Ready, can accept more data until the last (128th) byte. L L Device is Busy, cannot accept more data L H Device is Ready for next operation if previous data is the last (128th) byte. H H Device is Ready for next operation H L Device is Busy programming T18.1 20005029 |