전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST49LF016C 데이터시트(PDF) 42 Page - Microchip Technology

부품명 SST49LF016C
상세설명  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C 데이터시트(HTML) 42 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology SST49LF016C Datasheet HTML 37Page - Microchip Technology SST49LF016C Datasheet HTML 38Page - Microchip Technology SST49LF016C Datasheet HTML 39Page - Microchip Technology SST49LF016C Datasheet HTML 40Page - Microchip Technology SST49LF016C Datasheet HTML 41Page - Microchip Technology SST49LF016C Datasheet HTML 42Page - Microchip Technology SST49LF016C Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
©2016
DS20005029B
02/16
42
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Table 32: Revision History
Revision
Description
Date
00
•
S71237(01): Initial release of fact sheet (Advance Information)
Oct 2003
01
•
S71237(01): Fact sheet changes
•
2004 Flash Data Book
Nov 2003
02
•
S71237(01): Fact sheet synchronized to and integrated into full data
sheet
•
S71237: Initial release of data sheet (Advance Information)
•
Added Auto-Address Increment (AAI) mode
Apr 2004
03
•
Added 32-TSOP (WH/WHE) package and associated MPNs
•
Clarified Supervoltage for AAI mode
•
Clarified the solder temperature profile under “Absolute Maximum Stress
Ratings” on page 30
Dec 2004
04
•
Obsoleted stand-alone Fact Sheet S71237(01)
•
Changed to firmware protocol-only data sheet
•
Removed the EI package and related MPNs
•
Added RoHS compliance information on page 1 and in the “Product
Ordering Information” on page 38
•
Updated the surface mount lead temperature from 240°C to 260°C and
the time from 3 seconds to 10 seconds on page 30.
Jul 2005
05
•
Removed leaded part numbers
Jan 2006
06
•
Cosmetic update to Figure 3
Feb 2006
07
•
Revised Product Description. Added 66 MHz information to Features.
Added 66 MHz values to Table 26, and Table 28. Added “33 MHz and 66
MHz” to Table title and removed f=33 MHz from table cells in Table 22.
Sep 2006
08
•
Added 40-lead TSOP Pin Assignment and Package Drawing. Updated
Product Ordering information
May 2008
A
•
Applied new document format
•
Released document under letter revision system
•
Updated spec number from S71237to DS25029
Jun 2011
B
•
EOL of allSST49LF016C devices. See PCN # JAON-29GFSU603
•
Document marked Obsolete.
Feb 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com