전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA84C643 데이터시트(PDF) 12 Page - NXP Semiconductors

부품명 PCA84C643
상세설명  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 데이터시트(HTML) 12 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 8Page - NXP Semiconductors PCA84C643 Datasheet HTML 9Page - NXP Semiconductors PCA84C643 Datasheet HTML 10Page - NXP Semiconductors PCA84C643 Datasheet HTML 11Page - NXP Semiconductors PCA84C643 Datasheet HTML 12Page - NXP Semiconductors PCA84C643 Datasheet HTML 13Page - NXP Semiconductors PCA84C643 Datasheet HTML 14Page - NXP Semiconductors PCA84C643 Datasheet HTML 15Page - NXP Semiconductors PCA84C643 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
1996 Nov 29
12
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
9
VST CONTROL
9.1
14-bit PWM DAC
The PCA84C640 has one 14-bit PWM DAC output (TDAC)
with a resolution of 16384 levels for Voltage Synthesized
Tuning. The PWM DAC (see Fig.10) consists of:
• 14-bit counter
• Two 7-bit DAC interface data latches (VSTH and VSTL)
• One 14-bit DAC data latch (VSTREG)
• Pulse control.
The polarity of output TDAC is selected with bit P14LVL.
Setting the bit P14LVL to:
• Logic 1, sets the TDAC output to the default polarity
• Logic 0, inverts the TDAC output.
9.1.1
14-BIT COUNTER
The counter is continuously running and is clocked by f0.
The period of the clock,
The repetition time for one complete cycle of the counter:
The repetition time for one cycle of the lower 7-bits of the
counter is:
Therefore, the number of tsub periods in a complete
cycle tr is:
9.1.2
DATA AND INTERFACE LATCHES
In order to ensure correct operation, interface data latch
VSTH is loaded first and then interface data latch VSTL.
The contents of:
• VSTH are used for coarse adjustment
• VSTL are used for fine adjustment.
At the beginning of the first tsub period following the loading
of VSTL, both data latches are loaded into data latch
VSTREG. After the contents of VSTH and VSTL are
latched into VSTREG, one tsub period is needed to
generate the appropriate pulse pattern.
To ensure correct DAC conversion, two (2) tsub periods
should be allowed before beginning the next sequence.
t
0
3
f
XTAL
--------------
=
t
r
t
0
16 384
×
=
t
sub
t
0
128
×
=
N
t
0
16 384
×
t
0
128
×
---------------------------
128
==
9.2
Coarse adjustment
The coarse adjustment output (OUT1) is reset to LOW
(inactive) at the start of each tsub period.
It will remain LOW until the time
has
elapsed and then will go HIGH and remain so until the next
tsub period starts.
9.3
Fine adjustment
Fine adjustment is achieved by generating additional
pulses at the start of particular sub-periods (tsubn).
These additional pulses have a width of t0.
The sub-period in which a pulse is added is determined by
the contents of VSTL interface latch.
Table 3 gives the numbers of the tsubn, at the start of which
an additional pulse is generated, depending on the bit in
VSTL being a logic 0. When more than one bit is a logic 0
a combination of additional pulses are generated.
For example, if VSTL = 1111010, which is a combination
of
• VSTL = 1111110: sub-period 64, and
• VSTL = 1111011: sub-periods 16, 48, 80 and 112,
then additional pulses will be given in sub-periods
16, 48, 64, 80 and 112; this is illustrated in Fig.12.
If VSTH = 0011101, VSTL = 1111010 and P14LVL = 0,
then the TDAC output is as shown in Fig.13.
Table 3
Additional pulse distribution
LOWER
7 BITS
(VSTL)
ADDITIONAL PULSE IN
SUB-PERIODS tsubn
1111110
64
1111101
32, 96
1111011
16, 48, 80, 112
1110111
8, 24, 40, 56, 72, 88, 104, 120
1101111
4, 12, 20, 28, 36, 44, 52, 60 .... 116, 124
1011111
2, 6, 10, 14, 18, 22, 26, 30, .... 122, 126
0111111
1, 3, 5, 7, 9, 11, 13, 15, 17, .... 125, 127
t
0
VSTH
1
+
()
×
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com