전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA84C643 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 PCA84C643
상세설명  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 12Page - NXP Semiconductors PCA84C643 Datasheet HTML 13Page - NXP Semiconductors PCA84C643 Datasheet HTML 14Page - NXP Semiconductors PCA84C643 Datasheet HTML 15Page - NXP Semiconductors PCA84C643 Datasheet HTML 16Page - NXP Semiconductors PCA84C643 Datasheet HTML 17Page - NXP Semiconductors PCA84C643 Datasheet HTML 18Page - NXP Semiconductors PCA84C643 Datasheet HTML 19Page - NXP Semiconductors PCA84C643 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
1996 Nov 29
16
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
11 INPUT/OUTPUT (I/O)
Each parallel I/O port line may be individually configured
using one of three possible I/O mask options.
The three I/O mask options are specified below:
Option 1 Standard port with switched pull-up current
source, Fig.15.
Option 2 Open drain, Fig.16.
Option 3 Push-pull (output only), Fig.17.
Table 5 specifies the possible port option list. When these
devices are used for emulation purposes, in order to match
the piggy back device provided it is recommended that the
port options listed in Table 6 are used.
handbook, full pagewidth
MLA696
TR3
I/O PORT
LINE
SLAVE
D
SQ
SQ
MASTER
D
MQ
WRITE PULSE
OUTL/ORL/ANL/MOV
DATA BUS
ORL/ANL/MOV
IN/MOV
TR1
VSS
TR2
VDD
constant
current
source
100
µA typ.
Fig.15 Standard output with switched pull-up current source (Option 1).
handbook, full pagewidth
MLA697
I/O PORT
LINE
SLAVE
D
SQ
SQ
MASTER
D
MQ
WRITE PULSE
OUTL/ORL/ANL
DATA BUS
ORL/ANL
IN
TR1
VSS
VDD
Fig.16 Open drain type I/O (Option 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40