전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA84C643 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 PCA84C643
상세설명  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 23Page - NXP Semiconductors PCA84C643 Datasheet HTML 24Page - NXP Semiconductors PCA84C643 Datasheet HTML 25Page - NXP Semiconductors PCA84C643 Datasheet HTML 26Page - NXP Semiconductors PCA84C643 Datasheet HTML 27Page - NXP Semiconductors PCA84C643 Datasheet HTML 28Page - NXP Semiconductors PCA84C643 Datasheet HTML 29Page - NXP Semiconductors PCA84C643 Datasheet HTML 30Page - NXP Semiconductors PCA84C643 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
1996 Nov 29
27
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.7
OSD display position
12.7.1
VERTICAL POSITION
The line number of the vertical start position for:
• Row 0 is 4 × (VP00 → VP05)
• Row 1 is 4 × (VP10 → VP15).
Where:
• (VP00 → VP05) = the decimal value of VP00 → VP05
• (VP10 → VP15) = the decimal value of VP10 → VP15.
The character height in:
• Row 0 is H0 and is a function of the number of dots per
character and the state of the size control bits
SZ00 and SZ01
• Row 1 is H1 and is a function of the number of dots per
character and the state of the size control bits
SZ10 and SZ11.
Row 0 and Row 1 must not overlap each other and
therefore: VP1
≥ (VP0 + H0); see Fig.25.
The four possible character heights are shown in Table 23.
12.7.2
HORIZONTAL POSITION
The horizontal start position (HP) of,
• Row 0: HP0 = 4 × (HP00 → HP05) + 5 × tOSCD
• Row 1: HP1 = 4 × (HP10 → HP15) + 5 × tOSCD
Where:
• (HP00 → HP05) = the decimal value of HP00 → HP05
and (HP00
→ HP05) > 10
• (HP10 → HP15) = the decimal value of HP10 → HP15
and (HP10
→ HP15) > 10
• tOSCD = one OSCD clock period.
Therefore for both Row 0 and Row 1,
HP0, HP1
≥ 45 × tOSCD.
ROW 0 CHARACTERS
VP0
HP0
H0
HP1
VP1
MCD183
ROW 1 CHARACTERS
Fig.25 Display position.
Fig.26 Background versus no background.
handbook, halfpage
with background
without background
MCD182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com