전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA84C643 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 PCA84C643
상세설명  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 29Page - NXP Semiconductors PCA84C643 Datasheet HTML 30Page - NXP Semiconductors PCA84C643 Datasheet HTML 31Page - NXP Semiconductors PCA84C643 Datasheet HTML 32Page - NXP Semiconductors PCA84C643 Datasheet HTML 33Page - NXP Semiconductors PCA84C643 Datasheet HTML 34Page - NXP Semiconductors PCA84C643 Datasheet HTML 35Page - NXP Semiconductors PCA84C643 Datasheet HTML 36Page - NXP Semiconductors PCA84C643 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
1996 Nov 29
33
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
Note
1. These bits are not available in the PCA84C441, PCA84C444, PCA84C641, PCA84C644,
PCA84C841 and PCA84C844.
15 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
40H
OSDCA
CC34
(0)
CC24
(0)
CC14
(0)
RBLK
(0)
ROUND
(0)
STBY
(1)
VLVL
(0)
HLVL
(0)
R/W
41H
LINE0A
SZ01
(0)
SZ00
(0)
VP05
(0)
VP04
(0)
VP03
(0)
VP02
(0)
VP01
(0)
VP00
(0)
R/W
42H
LINE0B
BLK0
(0)
VB0
(0)
HP05
(0)
HP04
(0)
HP03
(0)
HP02
(1)
HP01
(0)
HP00
(0)
R/W
43H
OSDCB
CDTV
(0)
CDTH
(0)
CC33
(0)
CC23
(0)
CC32
(0)
CC12
(1)
CC21
(0)
CCV11
(0)
R/W
44H
LINE1A
SZ11
(0)
SZ10
(0)
VP15
(0)
VP14
(0)
VP13
(0)
VP12
(1)
VP11
(0)
VP10
(0)
R/W
45H
LINE1B
BLK1
(0)
VB1
(0)
HP15
(0)
HP14
(0)
HP13
(0)
HP12
(1)
HP11
(0)
HP10
(0)
R/W
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+7.0
V
VI
input voltage (all inputs)
−0.3
VDD + 0.3 V
IOH
maximum source current for all port lines
−−10
mA
IOL
maximum sink current for all port lines
−−30
mA
Ptot
total power dissipation
−
900
mW
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature (for all devices)
−20
+70
°C
ADDR
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com