| 전자부품 데이터시트 검색엔진 |
|
MB91F467DA 데이터시트(PDF) 1 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467DA 데이터시트(HTML) 1 Page - Cypress Semiconductor |
|
1 / 137 page ![]() MB91460D Series FR60 32-bit Microcontroller Cypress Semiconductor Corporation • 198 Champion Court • San Jose , CA 95134-1709 • 408-943-2600 Document Number: 002-04613 Rev. *A Revised April 6, 2016 MB91460D series is a line of general-purpose 32-bit RISC microcontrollers designed for embedded control applications which require high-speed real-time processing, such as consumer devices and on-board vehicle systems. This series uses the FR60 CPU, which is compatible with the FR family of CPUs. This series contains the LIN-USART and CAN controllers. Features FR60 CPU core ■ 32-bit RISC, load/store architecture, five-stage pipeline ■ 16-bit fixed-length instructions (basic instructions) ■ Instruction execution speed: 1 instruction per cycle ■ Instructions including memory-to-memory transfer, bit manipulation, and barrel shift instructions: Instructions suitable for embedded applications ■ Function entry/exit instructions and register data multi-load store instructions : Instructions supporting C language ■ Register interlock function: Facilitating assembly-language coding ■ Built-in multiplier with instruction-level support ❐ Signed 32-bit multiplication: 5 cycles ❐ Signed 16-bit multiplication: 3 cycles ■ Interrupts (save PC/PS) : 6 cycles (16 priority levels) ■ Harvard architecture enabling program access and data access to be performed simultaneously ■ Instructions compatible with the FR family Internal peripheral resources ■ General-purpose ports : Maximum 170 ports ■ DMAC (DMA Controller) ❐ Maximum of 5 channels able to operate simultaneously. (External to external : 1 channel) ❐ 3 transfer sources (external pin/internal peripheral/software) ❐ Activation source can be selected using software. ❐ Addressing mode specifies full 32-bit addresses (increment/decrement/fixed) ❐ Transfer mode (demand transfer/burst transfer/step transfer/block transfer) ❐ Fly-by transfer support (between external I/O and memory) ❐ Transfer data size selectable from 8/16/32-bit ❐ Multi-byte transfer enabled (by software) ❐ DMAC descriptor in I/O areas (200H to 240H, 1000H to 1024H) ■ A/D converter (successive approximation type) ❐ 10-bit resolution: 24 channels ❐ Conversion time: minimum 1 s ■ External interrupt inputs : 14 channels ❐ 8 channels shared with CAN RX or I2C pins ■ Bit search module (for REALOS) ❐ Function to search from the MSB (most significant bit) for the position of the first “0”, “1”, or changed bit in a word ■ LIN-USART (full duplex double buffer): 5 channels ❐ Clock synchronous/asynchronous selectable ❐ Sync-break detection ❐ Internal dedicated baud rate generator ■ I2C bus interface (supports 400 kbps): 3 channels ❐ Master/slave transmission and reception ❐ Arbitration function, clock synchronization function ■ CAN controller (C-CAN): 3 channels ❐ Maximum transfer speed: 1 Mbps ❐ 32 transmission/reception message buffers ■ Stepper motor controller : 6 channels ❐ 4 high current output to each channel ❐ 2 synchronized PWMs per channel (8/10-bit) ■ Sound generator : 1 channel ❐ Tone frequency : PWM frequency divide-by-two (reload value 1) ■ Alarm comparator : 1 channel ❐ Monitor external voltage ❐ Generate an interrupt in case of voltage lower/higher than the defined thresholds (reference voltage) ■ 16-bit PPG timer : 12 channels ■ 16-bit PFM timer : 1 channel ■ 16-bit reload timer: 8 channels ■ 16-bit free-run timer: 8 channels (1 channel each for ICU and OCU) ■ Input capture: 8 channels (operates in conjunction with the free-run timer) ■ Output compare: 4 channels (operates in conjunction with the free-run timer) ■ Up/Down counter: 3 channels (3*8-bit or 1*16-bit + 1*8-bit) ■ Watchdog timer ■ Real-time clock ■ Low-power consumption modes : Sleep/stop mode function ■ Supply Supervisor: Low voltage detection circuit for external VDD5 and internal 1.8V core voltage |
유사한 부품 번호 - MB91F467DA |
|
유사한 설명 - MB91F467DA |