전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5988D 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 L5988D
상세설명  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 12Page - STMicroelectronics L5988D Datasheet HTML 13Page - STMicroelectronics L5988D Datasheet HTML 14Page - STMicroelectronics L5988D Datasheet HTML 15Page - STMicroelectronics L5988D Datasheet HTML 16Page - STMicroelectronics L5988D Datasheet HTML 17Page - STMicroelectronics L5988D Datasheet HTML 18Page - STMicroelectronics L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Functional description
L5988D
16/52
DocID15324 Rev 4
To improve the line transient performance, the voltage feed forward is implemented by
changing the slope of the sawtooth according to the input voltage change (see Figure 6 a).
Figure 6. Sawtooth: voltage feed forward
The slope of the sawtooth does not change if the oscillator frequency is increased by an
external signal or adjusted by the external resistor (see Figure 7). As a consequence the
gain of the PWM stage is a function of the switching frequency and its contribution must be
taken in account when performing the calculations of the compensation network (see
Section 6.4.1 on page 29 and Section 6.4.2 on page 33).
Figure 7. Sawtooth: synchronization and frequency adjust
Table 8. FSW resistor examples
R1 (k
)fSW (kHz)
R2 (k
)fSW (kHz)
43
198
360
450
47
215
180
499
56
245
120
548
62
261
91
594
82
295
56
711
110
322
43
801
150
343
33
915
220
361
27
1022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52