전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV70235DBVT 데이터시트(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV70235DBVT
상세설명  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70235DBVT 데이터시트(HTML) 25 Page - Texas Instruments

Back Button TLV70235DBVT Datasheet HTML 21Page - Texas Instruments TLV70235DBVT Datasheet HTML 22Page - Texas Instruments TLV70235DBVT Datasheet HTML 23Page - Texas Instruments TLV70235DBVT Datasheet HTML 24Page - Texas Instruments TLV70235DBVT Datasheet HTML 25Page - Texas Instruments TLV70235DBVT Datasheet HTML 26Page - Texas Instruments TLV70235DBVT Datasheet HTML 27Page - Texas Instruments TLV70235DBVT Datasheet HTML 28Page - Texas Instruments TLV70235DBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV70220PDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70220PDBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70225DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70225DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70225DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70225DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70225DSER
WSON
DSE
6
3000
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70225DSET
WSON
DSE
6
250
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70228DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70228DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70228DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70228DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70228DSER
WSON
DSE
6
3000
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70228DSET
WSON
DSE
6
250
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70228PDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70228PDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70229DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70229DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70229DSER
WSON
DSE
6
3000
180.0
8.4
1.83
1.83
0.89
4.0
8.0
Q2
TLV70229DSET
WSON
DSE
6
250
180.0
8.4
1.83
1.83
0.89
4.0
8.0
Q2
TLV70230DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70230DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70230DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70230DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70231DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70231DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70231DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70231DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70233DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70233DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233DSER
WSON
DSE
6
3000
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70233DSET
WSON
DSE
6
250
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
TLV70233PDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70233PDBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70235DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70235DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70235DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70235DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70236DSER
WSON
DSE
6
3000
179.0
8.4
1.8
1.8
1.0
4.0
8.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Apr-2017
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33