| 전자부품 데이터시트 검색엔진 |
|
STM32F411RET6 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411RET6 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 149 page ![]() Pinouts and pin description STM32F411xC STM32F411xE 40/149 DocID026289 Rev 6 10 14 F6 23 L2 PA0-WKUP I/O TC (5) TIM2_CH1/TIM2_ET, TIM5_CH1, USART2_CTS, EVENTOUT ADC1_0, WKUP1 11 15 G7 24 M2 PA1 I/O FT - TIM2_CH2, TIM5_CH2, SPI4_MOSI/I2S4_SD, USART2_RTS, EVENTOUT ADC1_1 12 16 E5 25 K3 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, I2S2_CKIN, USART2_TX, EVENTOUT ADC1_2 13 17 E4 26 L3 PA3 I/O FT - TIM2_CH4, TIM5_CH4, TIM9_CH2, I2S2_MCK, USART2_RX, EVENTOUT ADC1_3 - 18 - 27 - VSS S - - - - - - - - E3 BYPASS_REG S - - - - - 19 - 28 - VDD I FT - EVENTOUT - 14 20 G6 29 M3 PA4 I/O FT - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, EVENTOUT ADC1_4 15 21 F5 30 K4 PA5 I/O FT - TIM2_CH1/TIM2_ET, SPI1_SCK/I2S1_CK, EVENTOUT ADC1_5 16 22 F4 31 L4 PA6 I/O FT - TIM1_BKIN, TIM3_CH1, SPI1_MISO, I2S2_MCK, SDIO_CMD, EVENTOUT ADC1_6 17 23 F3 32 M4 PA7 I/O FT - TIM1_CH1N, TIM3_CH2, SPI1_MOSI/I2S1_SD, EVENTOUT ADC1_7 Table 8. STM32F411xC/xE pin definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |