| 전자부품 데이터시트 검색엔진 |
|
STM32F411RET6 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411RET6 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 149 page ![]() Pinouts and pin description STM32F411xC STM32F411xE 44/149 DocID026289 Rev 6 31 43 C2 69 C12 PA10 I/O FT - TIM1_CH3, SPI5_MOSI/I2S5_SD, USART1_RX, USB_FS_ID, EVENTOUT - 32 44 C1 70 B12 PA11 I/O FT - TIM1_CH4, SPI4_MISO, USART1_CTS, USART6_TX, USB_FS_DM, EVENTOUT - 33 45 C3 71 A12 PA12 I/O FT - TIM1_ETR, SPI5_MISO, USART1_RTS, USART6_RX, USB_FS_DP, EVENTOUT - 34 46 B3 72 A11 PA13 I/O FT - JTMS-SWDIO, EVENTOUT - - - - 73 C11 VCAP_2 S - - - - 35 47 B1 74 F11 VSS S - - - - 36 48 B2 75 G11 VDD S - - - - 37 49 A1 76 A10 PA14 I/O FT - JTCK-SWCLK, EVENTOUT - 38 50 A2 77 A9 PA15 I/O FT - JTDI, TIM2_CH1/TIM2_ETR , SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART1_TX, EVENTOUT - - 51 - 78 B11 PC10 I/O FT - SPI3_SCK/I2S3_CK, SDIO_D2, EVENTOUT - - 52 - 79 C10 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, SDIO_D3, EVENTOUT - - 53 - 80 B10 PC12 I/O FT - SPI3_MOSI/I2S3_SD, SDIO_CK, EVENTOUT - Table 8. STM32F411xC/xE pin definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |