| 전자부품 데이터시트 검색엔진 |
|
PC87309VLJ 데이터시트(PDF) 183 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87309VLJ 데이터시트(HTML) 183 Page - National Semiconductor (TI) |
|
183 / 192 page ![]() Device Specifications 183 www.national.com 10.3.13 Reset Timing Note: In PC-AT mode, the DRQ and IRQ signals of the FDC are in TRI-STATE after time tSRC. 1. The software reset pulse width is 100 nsec. 2. Not tested. Guaranteed by design. 10.3.14 FDC - Write Data Timing tDRP tICP tWDW Values 1. Not tested. Guaranteed by design. 1. tCP is the Clock Period defined in Section 10.3.2 "Clock Timing" on page 171. Symbol Parameter Min Max Unit tRW Reset Width1 100 µsec tSRC Reset to Control Inactive2 300 nsec tRW tSRC MR DRQ, INT, WGATE (Note) Symbol Parameter Min Max Unit tHDH HDSEL Hold from WGATE Inactive1 750 µsec tHDS HDSEL Setup to WGATE Active1 100 µsec tWDW Write Data Pulse Width See tDRP tICP tWDW Values below Data Rate tDRP tICP tICP Nominal tWDW tWDW Minimum Unit 1 Mbps 1000 6 x tCP 1 125 2 x tICP 250 nsec 500 Kbps 2000 6 x tCP 1 125 2 x tICP 250 nsec 300 Kbps 3333 10 x tCP 1 208 2 x tICP 375 nsec 250 Kbps 4000 12 x tCP 1 250 2 x tICP 500 nsec tHDS tHDH tWDW HDSEL WGATE WDATA |