전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9301 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 L9301
상세설명  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Configuration 1: 8 low side drivers
L9301
16/51
DocID028688 Rev 6
7
Configuration 1: 8 low side drivers
In this configuration there are 8 low side drivers available that can be driven by SPI or by the
parallel input: IN1-4 control both DRAIN1-4 and OUT1-4 that must be turned on and off
simultaneously while IN5-8 control OUT5-8.
The corresponding relations are:
–
IN1: OUT1 & OUT2;
–
IN2: OUT3 & OUT4;
–
IN3: DRN1 & DRN2;
–
IN4: DRN3 & DRN4
Figure 4. Configuration 1: 8 Low side drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51