| 전자부품 데이터시트 검색엔진 |
|
L9301 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9301 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 51 page ![]() SPI L9301 42/51 DocID028688 Rev 6 CR14 (0x0E) MCU controlled comparator test and clock check register SR0 (0x10) General device status register 19 18 17 16 15 14 13 12 11 10 9876543210 RESERVED 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) [19:2] RESERVED: Reserved [1] dr_s_chk 0 = normal 1 = invert hv/lv and OC comparator input used in MCU controlled comparator test [0] clkch_en 0 = disable clock check block 1 = enable clock check block 19 18 17 16 15 14 13 12 11 10 9876543210 RESERVED 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) [19:9] RESERVED: Reserved [8] clkbad 0 = main clock and diagnosis clock frequency deviation within 25% 1 = main clock and diagnosis clock frequency deviation over 25% [7] RESERVE: Reserve [6] gf 0 = no fault in all the channels 1 = logic OR combination of bit 1/2/3/4/5/6/8 of all the Driver status register [5] cpl 0 = no charge pump low 1 = charge pump low [4] got 0 = no over temperature 1 = logic OR combination of bit 0 of all the Driver status register [3] vdduv 0 = no VDD under voltage 1 = VDD under voltage |