전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV2050A 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STV2050A
상세설명  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics STV2050A Datasheet HTML 40Page - STMicroelectronics STV2050A Datasheet HTML 41Page - STMicroelectronics STV2050A Datasheet HTML 42Page - STMicroelectronics STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
41/83
STV2050A - VIDEO PATTERN GENERATOR
The pattern may be defined so that an end value is less than the start value. In this case, the
window will wrap around through the retrace without any interruptions (two or four rectangles
will be highlighted on the screen).
The auto-alignment pattern signal is influenced by the horizontal or vertical blanking function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83