전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2032 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 UM2032
상세설명  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 10Page - STMicroelectronics UM2032 Datasheet HTML 11Page - STMicroelectronics UM2032 Datasheet HTML 12Page - STMicroelectronics UM2032 Datasheet HTML 13Page - STMicroelectronics UM2032 Datasheet HTML 14Page - STMicroelectronics UM2032 Datasheet HTML 15Page - STMicroelectronics UM2032 Datasheet HTML 16Page - STMicroelectronics UM2032 Datasheet HTML 17Page - STMicroelectronics UM2032 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Hardware layout and configuration
UM2032
14/48
DocID029078 Rev 2
Figure 8. R90 and R92 resistors
6.3.4
Supplying the 32F412GDISCOVERY through
the ST-LINK/V2-1 USB port
To power the 32F412GDISCOVERY through the ST-LINK/V2-1, the USB host (a PC) gets
connected with the 32F412GDISCOVERY Micro-B USB receptacle CN6, via a USB cable.
This event starts the USB enumeration procedure. In its initial phase, the current supply
capability of the USB port located on the host, is limited to 100 mA. It is enough because
only the ST-LINK/V2-1 part of the 32F412GDISCOVERY discovery kit draws power at that
time. If the solder bridge SB18 is open (default configuration), the U8 ST890 power switch is
set to OFF position, and only the ST-LINK/V2-1 is powered. In the next phase of the
enumeration procedure, the host PC informs the ST-LINK/V2-1 facility of its capability to
supply up to 500 mA of current. If the answer is positive, the ST-LINK/V2-1 sets the U8
ST890 switch to ON position to supply power to the remainder of the 32F412GDISCOVERY
discovery kit. If the PC USB port is not capable of supplying up to 500 mA of current,
another power source should be used like VIN pin of connector CN2.
Should a short-circuit occur on the discovery kit, the ST890 power switch protects the USB
port of the host against current demand exceeding 600 mA. In such an event, the red LED
FAULT LD10 lights on.
The 32F412GDISCOVERY discovery kit can also be supplied from a USB power source not
supporting enumeration, such as a USB charger. In this particular case, SB18 solder bridge
must be closed. ST-LINK/V2-1 turns the ST890 power switch ON regardless of the
enumeration procedure result and passes the power unconditionally to the discovery kit.
The green LED LD6 turns on whenever the discovery kit is powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com