전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2032 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 UM2032
상세설명  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics UM2032 Datasheet HTML 42Page - STMicroelectronics UM2032 Datasheet HTML 43Page - STMicroelectronics UM2032 Datasheet HTML 44Page - STMicroelectronics UM2032 Datasheet HTML 45Page - STMicroelectronics UM2032 Datasheet HTML 46Page - STMicroelectronics UM2032 Datasheet HTML 47Page - STMicroelectronics UM2032 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Figure 23. 32F412GDISCOVERY ST-LINK/V2-1
11
11
ST-LINK/V2-1
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32F412G-DISCO
Project:
STM_RST
T_JTCK
T_JTMS
OSC_IN
OSC_OUT
AIN_1
USB ST-LINK
COM
Board Ident: PC13=0
T_SWDIO_IN
LED_STLINK
MCO
T_SWO
R85
1K5
R40
0
R39
0
R37
[N/A]
R44
100K
R36
10K
R103
4K7
R102
4K7
C14
10pF
C16
10pF
C18
100nF
USB_RENUMn
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
D4
BAT60JFILM
C24
1uF
C86
10nF
C34
1uF
5
1
GND
3
BYPASS
INH
Vin
Vout
U9
LD3985M33R
C25
100nF
C35
100nF
+3V3_ST_LINK
R42
10K
R81
36K
R83
100
+3V3_ST_LINK
E5V
R48
100K
D6
BAT60JFILM
Power Switch to supply +5V
from STLINK USB
PWR_ENn
C56
100nF
C61
100nF
C62
100nF
C67
100nF
+3V3_ST_LINK
1
T2
9013-SOT23
VUSB_ST_LINK
VUSB_ST_LINK
VUSB_ST_LINK
VDD
LED_STLINK
R1
100
R7
100
R6
0
+3V3_ST_LINK
STM_JTMS
D5
BAT60JFILM
STL_USB_DM
STL_USB_DP
STL_USB_DM
STL_USB_DP
R32
100K
R34
2K7
R33
4K7
+5V
IN
1
IN
2
ON
3
GND
4
SET
5
OUT
6
OUT
7
FAULT
8
U8
ST890CDR
VUSB_ST_LINK
U5V_ST_LINK
R51
10K
R62
2K7
C32
100nF
D3
BAT60JFILM
+3V3_ST_LINK
VBAT
1
PC13
2
PC14
3
PC15
4
OSC_IN
5
OSC_OUT
6
/RST
7
VSSA
8
VDDA
9
PA0
10
PA1
11
U2_TX
12
PB12
25
S2_CK
26
S2_MISO
27
S2_MOSI
28
PA8
29
PA9
30
PA10
31
PA11
32
PA12
33
JTMS
34
VSS_2
35
VDD_2
36
U6
STLINK
U5V
output current limitation : 500mA
SB19
R89
100K
R101
[N/A]
+3V3_ST_LINK
USB Virtual ComPort
Not Fitted
STLK_MCO
C69
[N/A]
MCO
SB18
Open by default
Jumpers ON --> DISCOVERY Selected
Jumpers OFF and Solder bridge on T_SWO removed --> ST-LINK Selected
T_JTCK
T_JTMS
SWD to MCU
CN5
SB14
SB13
SB11
SB12
SB10
SB9
SB2
SB3
STM_JTMS
STM_JTCK
SWD
R25
22
R19
22
TCK/SWCLK
TMS/SWDIO
R27
10K
1
2
3
4
5
6
CN4
Header 6
AIN_1
T_NRST
T_SWO
NRST
R15
22
R11
[N/A]
SB21
Closed by default
SB28
Closed by default
T_NRST
SWO_MCU
D2
BAT60JFILM
R29
[N/A]
SWCLK
PA14
SWDIO
PA13
SWO
PB3
R35
[N/A]
LD5
HSMF-A201-A00J1
T_JTDO
T_JTMS
C29
100nF
C36
100nF
VccA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VccB
8
U11
SN74LVC2T45DCUT
VDD
T_SWO
+3V3_ST_LINK
SWO_MCU
SB24
Closed by default
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U10
SN74LVC2T45DCUT
VDD
VDD
C28
100nF
C27
100nF
R59
100K
R58
100K
+3V3_ST_LINK
R61
0
JP4
[N/A]
+3V3_ST_LINK
R49
0
USART2_TX
USART2_RX
PA2
PA3
1
2
X1
NX3225GD-8.00M
transistor pins numbers follow
SOT23 JEDEC standard,
R53
56
1
2
FAULT
LD10
Red
R60
820
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
6
Shield
7
Shield
8
Shield
9
EXP
10
EXP
11
CN6
1050170001
STLINK power supply
Text
To use the Discovery as programmer of an external STM32:
- Insure the STM32 to programm on an external board is supplied
with 3.3V ONLY!
- Remove the two jumpers on CN5 to left pins 1, 2, 3, 4 open
- Connect following pins of CN4 to the STM32 to programm:
pin2 to SWCLK, pin3 to GND, pin4 to SWDIO, pin5 to RESET.
+3V3_ST_LINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com