전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2032 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 UM2032
상세설명  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 39Page - STMicroelectronics UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics UM2032 Datasheet HTML 42Page - STMicroelectronics UM2032 Datasheet HTML 43Page - STMicroelectronics UM2032 Datasheet HTML 44Page - STMicroelectronics UM2032 Datasheet HTML 45Page - STMicroelectronics UM2032 Datasheet HTML 46Page - STMicroelectronics UM2032 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Figure 22. 32F412GDISCOVERY Arduino Uno V3 connector
10
11
Arduino Uno connector
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32F412G-DISCO
Project:
Arduino uno connector
+3V3
+5V
A0
A1
A2
A3
A4
A5
RX/D0
TX/D1
D2
D4
PWM/D3
PWM/D5
PWM/D6
D7
D8
PWM/D9
PWM/CS/D10
SDA/D14
SCL/D15
PB10
PB9
NRST
VIN
NRST
SCK/D13
MISO/D12
PWM/MOSI/D11
1
2
LD9
Green
R73
510
AVDD
GND
VREF+
C38
[N/A]
R74
0
ARD_A0
ARD_A1
ARD_A2
ARD_A3
ARD_A4
ARD_A5
ARD_D5
ARD_D4
ARD_D3
ARD_D2
ARD_D1
ARD_D0
ARD_D13
ARD_D12
ARD_D11
ARD_D10
ARD_D9
ARD_D8
ARD_D6
ARD_D7
ARD_D15
ARD_D14
PA1
PC1
PC3
PC4
PC5
PB0
PG9
PG14
PG13
PG12
PF10
PF3
PG11
PG10
PB8
PA15
PA7
PA6
PA5
ADC1_IN8
ADC1_IN15
ADC1_IN14
ADC1_IN13
ADC1_IN11
ADC1_IN1
I2C2_SDA
PB9
PB10
I2C2_SCL
USART6_RX
USART6_TX
TIM5_CH2
TIM5_CH4
TIM4_CH3
TIM2_CH1, SPI1_NSS
TIM3_CH2, SPI1_MOSI
SPI1_MISO
SPI1_SCK
SB5
Open by default
SB6
Closed by default
SB8
Closed by default
SB7
Open by default
SB30
Closed by default
IOREF
NRST
3V3
5V
GND
GND
VIN
I2C2_SCL
I2C2_SDA
1
2
3
4
5
6
7
8
9
10
CN12
Header 10X1_Female
1
2
3
4
5
6
7
8
CN2
Header 8X1_Female
1
2
3
4
5
6
CN1
Header 6X1_Female
1
2
3
4
5
6
7
8
CN11
Header 8X1_Female
TIM5_CH1
PF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com