전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2032 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 UM2032
상세설명  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 36Page - STMicroelectronics UM2032 Datasheet HTML 37Page - STMicroelectronics UM2032 Datasheet HTML 38Page - STMicroelectronics UM2032 Datasheet HTML 39Page - STMicroelectronics UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics UM2032 Datasheet HTML 42Page - STMicroelectronics UM2032 Datasheet HTML 43Page - STMicroelectronics UM2032 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Figure 19. 32F412GDISCOVERY Peripherals
611
Peripherals
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32F412G-DISCO
Project:
MICRO SD
uSD_CLK
uSD_CMD
SMS064FF or SMS128FF
CN13
PJS008-2000
uSD_D0
uSD_D1
uSD_D2
uSD_D3
uSD_Detect
R64
0
PC8
PC9
PC10
PC11
PC12
PD2
(TF) Card
R119
47K
R115
47K
R113
47K
R118
47K
R117
47K
Reset Button
1
2
3
4
5
6
7
8
CN10
F206A-2*04MGF-A
PB9
PB10
EXT_RESET
PF11
SSM-104-L-DH (Samtec)
I2C Extension Connector
1
2
LD3
Red
1
2
LD2
Orange
1
2
LD4
Blue
1
2
LD1
Green
+3V3
R5
510
R4
680
R3
680
R2
680
LEDs
LED1
LED2
LED3
LED4
B1
TD-0341 [RESET/Black]
C1
100nF
R8
100K
NRST
PE0
SB1
Closed by default
PE1
PE2
PE3
The 4 LEDs are top side
PD3
I2C2_SDA
I2C2_SCL
R24
[N/A]
R28
[N/A]
R22
[N/A]
R26
[N/A]
R30
[N/A]
VDD
R23
100
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
JOYSTICK
PF14
PF15
PG0
PG1
VDD
VDD
VDD
VDD
PA0 - WKUP1
Right side
Left side
COMMON
5
Selection
2
DOWN
3
LEFT
1
RIGHT
4
UP
6
B2
MT008-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com