전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6751CTR 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 L6751CTR
상세설명  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 49Page - STMicroelectronics L6751CTR Datasheet HTML 50Page - STMicroelectronics L6751CTR Datasheet HTML 51Page - STMicroelectronics L6751CTR Datasheet HTML 52Page - STMicroelectronics L6751CTR Datasheet HTML 53Page - STMicroelectronics L6751CTR Datasheet HTML 54Page - STMicroelectronics L6751CTR Datasheet HTML 55Page - STMicroelectronics L6751CTR Datasheet HTML 56Page - STMicroelectronics L6751CTR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
DocID025037 Rev 1
53/57
L6751C
PMBus support (preliminary)
57
This product is subject to a limited license from Power-One®. related to digital power
technology patents owned by Power-One. This license does not extend to standalone
power supply products.
Table 17. OV threshold setting
Data byte [Hex]
OC threshold [mV] (above programmed VID)
00h
+175 mV (default)
01h
+225 mV
02h
+275 mV
03h
+325 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com