전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6751CTR 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 L6751CTR
상세설명  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 39Page - STMicroelectronics L6751CTR Datasheet HTML 40Page - STMicroelectronics L6751CTR Datasheet HTML 41Page - STMicroelectronics L6751CTR Datasheet HTML 42Page - STMicroelectronics L6751CTR Datasheet HTML 43Page - STMicroelectronics L6751CTR Datasheet HTML 44Page - STMicroelectronics L6751CTR Datasheet HTML 45Page - STMicroelectronics L6751CTR Datasheet HTML 46Page - STMicroelectronics L6751CTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
DocID025037 Rev 1
43/57
L6751C
Efficiency optimization
57
9.4
Gate drive control (GDC)
Gate drive control (GDC) is a proprietary function which allows the L6751C to dynamically
control the Power MOSFET driving voltage in order to further optimize the overall system
efficiency. According to the SVI power state commanded and the configuration received
through the PMBus, the device switches this pin (GDC) between the VCC5 or VDRV
(inputs). By connecting the power supply of external drivers directly to this pin, it is then
possible to carefully control the external MOSFET driving voltage.
In fact, high driving voltages are required to obtain good efficiency in high loading
conditions. On the contrary, in lower loading conditions, such high driving voltage penalizes
efficiency because of high losses in Qgs. GDC allows to tune the MOSFET driving voltage
according to the delivered current.
The default configuration considers GDC always switched to VDRV except when entering
power states higher than PS01h (included): in this case, to further increase efficiency,
simply supply the Phase1 and Phase2 driver through the GDC pin. Their driving voltage is
automatically updated as lower power states are commanded through the SVI interface.
Further optimization may be possible by properly setting the automatic GDC threshold
through the dedicated PMBus command and/or pin-strapping. It is then possible to enable
the gate driving voltage switchover even in PS00h. According to the positioning of the
threshold compared with DPM thresholds, it is possible to achieve different performances.
Simulations and/or bench tests may be of help in defining the best performing configuration
achievable with the active and passive components available.
Figure 13 allows the efficiency improvements with DPM/GDC enabled to be compared with
respect to the standard solution.
Note:
Systems supporting S3 power state may have the VDRV supplied by an OR-ing connection
between 5 Vsby and 12 V or different supply voltage for S0. It is recommended to connect
closely, between the VDRV and VCC5 pins, the OR-ing diode connecting VDRV to the 5
Vsby.
Figure 13. Efficiency performance with and without enhancements (DPM, GDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com