| 전자부품 데이터시트 검색엔진 |
|
L6751CTR 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6751CTR 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 57 page ![]() Electrical specifications L6751C 16/57 DocID025037 Rev 1 Soft-start SS time - Intel CPU mode Vboot > 0, from pin-strapping; multi- phase section 5mV/ s Vboot > 0, from pin-strapping; single- phase section 2.5 mV/ s Vboot > 0, from pin-strapping; single- phase section, JMode ON 2.5 mV/ s SS time - Intel DDR mode Vboot > 0, from pin-strapping; multi- phase section 2.5 mV/ s Vboot > 0, from pin-strapping; single- phase section 1.25 mV/ s SS time - AMD mode Vboot > 0, from pin-strapping; both sections 6.25 mV/ s EN Turn-ON VEN rising 0.6 V Turn-OFF VEN falling 0.4 V Leakage current 1 A SVI serial bus SVCLCK, SVDATA Input high 0.65 V Input low 0.45 V SVDATA, ALERT# Voltage low (ACK) ISINK = -5 mA 50 mV PMBus SMDATA, SMCLK Input high 1.75 V Input low 1.45 V SMAL# Voltage low ISINK = -4 mA 13 Reference and DAC kVID VOUT accuracy (MPhase) IOUT = 0 A; N = 6; RG = 540 ; RFB = 1.108 kVID > 1.000 V -0.5 0.5 % kSVID VOUT accuracy (SPhase) IOUT = 0 A; RG = 1.3 k VID > 1.000 V -0.5 0.5 % IOUT = 0 A; RG = 1.3 k VID > 1.000 V; JMODE = ON -5 5 mV kVID, kSVID VOUT accuracy VID = 0.8 V to 1 V -5 5 mV VID < 0.8 V -8 8 mV kVOUT VOUT accuracy - AMD mode -20 20 mV DROOP LL accuracy (MPhase) 0 to full load IINFOx = 0; N = 6; RG = 540 ; RFB = 1.108 k -3 2 A The same as above, IINFOx = 20 A-4.5 4.5 A Table 5. Electrical characteristics (continued) Symbol Parameter Test conditions Min. Typ. Max. Unit |